Part Number Hot Search : 
PS303 DFLZ15 015015 L43140 80N04 BLW85 SMC5362B EMEM8002
Product Description
Full Text Search
 

To Download TS4B05G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS4B01G THRU TS4B07G
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 4.0 Amperes
TS4B
Features
UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction Plastic material has Underwriters Laboratory Flammability Classification 94V-0 Surge overload rating to 120 amperes peak High case dielectric strength of 2000VRMS Case: Molded plastic Weight: 0. 15 ounce, 4 grams Mounting torque: 5 in. lbs. Max.
.118(3.0)X45
0
.996(25.3) .972(24.7) .602(15.3) .579(14.7)
.147(3.7) .130(3.3)
.382(9.7) .366(9.3)
.134(3.4) .122(3.1)
.176(4.37) .156(3.96)
.068(1.73) .060(1.52)
.043(1.1) .035(0.9)
.709(18) .669(17)
.087(2.2) .071(1.8)
.303(7.7) .287(7.3)
.030(0.75) .022(0.55)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol TS4B TS4B TS4B TS4B TS4B TS4B TS4B Units Type Number
01G
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC = 115 Peak Forward Surge Current, 8.3 ms Single Half Sne-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 4.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Typical Thermal Resistance (Note) Operating Temperature Range Storage Temperature Range
02G
03G
04G
05G
06G
07G
VRRM VRMS VDC I(AV) IFSM VF IR RJC TJ
50 35 50
100 70 100
200 140 200
400 280 400 4.0 120 1.0
600 420 600
800 1000 560 700 800 1000
V V V A A V uA uA /W
TSTG Note: Thermal Resistance from Junction to Case with Device Mounted on 2" x 3" x 0.25" Al-Plate Heatsink.
5.0 500 5.5 -55 to +150 -55 to + 150
- 654 -
RATINGS AND CHARACTERISTIC CURVES (TS4B01G THRU TS4B07G)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
175
5
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE PER BRIDGE ELEMENT
PEAK FORWARD SURGE CURRENT. (A)
150 125 100 75 50 25 0 8.3ms Single Half Sine Wave JEDEC METHOD
AVERAGE FORWARD CURRENT. (A)
4
3
2
1
MOUNTED ON 4X4 INCH COPPER PC BOARD 0.5"(12.7mm) LEAD LENGTH 0 50 CASE TEMPERATURE. ( C)
o
1
2
5
10
20
50
100
0
100
150
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
40
INSTANTANEOUS FORWARD CURRENT. (A)
20 10
INSTANTANEOUS REVERSE CURRENT. ( A)
Tj=100 0C
10
4.0 2.0 1.0
Tj=125 0C
1
0.4 0.2 0.1 .6
8.3ms Single Half Sine Wave
Tj=25 0C
.7
.8
.9
1.0
1.1
1.2
1.3
0.1 0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 655 -


▲Up To Search▲   

 
Price & Availability of TS4B05G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X